PART |
Description |
Maker |
VE-M4Z-CQ VE-M2Z-CQ VE-M0Z-CQ VE-MWZ-MW VE-NT2-IS |
1-OUTPUT 400 W DC-DC REG PWR SUPPLY MODULE 1-OUTPUT 100 W DC-DC REG PWR SUPPLY MODULE 1-OUTPUT 300 W DC-DC REG PWR SUPPLY MODULE 1-OUTPUT 450 W DC-DC REG PWR SUPPLY MODULE 1-OUTPUT 150 W DC-DC REG PWR SUPPLY MODULE 1-OUTPUT 75 W DC-DC REG PWR SUPPLY MODULE 1-OUTPUT 200 W DC-DC REG PWR SUPPLY MODULE 1-OUTPUT 50 W DC-DC REG PWR SUPPLY MODULE 1-OUTPUT 600 W DC-DC REG PWR SUPPLY MODULE
|
Advanced Micro Devices, Inc. Vicor, Corp. Noisewave, Corp. Fairchild Semiconductor, Corp. Moeller Electric, Corp.
|
MHP10 MHP10-0533V3 MHP10-05S05 MHP10-05S2V1 MHP10- |
1-OUTPUT 7 W DC-DC REG PWR SUPPLY MODULE 1-OUTPUT 10 W DC-DC REG PWR SUPPLY MODULE Single and dual output 10 Watt Wide input DC/DC converters
|
ITT, Corp. ARTESYN[Artesyn Technologies]
|
PM901 PM900 PM903 PM904 PM921 PM923 PM924 PM911 PM |
2-OUTPUT DC-DC REG PWR SUPPLY MODULE Single and dual output 5 to 6 Watt Nominal input DC/DC converters 1-OUTPUT DC-DC REG PWR SUPPLY MODULE
|
ARTESYN[Artesyn Technologies]
|
P8SG-247R2ZH30 P8SG-0505ZH30 P8SG-053R6ZH30 P8SG-1 |
Input voltage:24V, output voltage /-7.2V ( /-100mA), 3KV isolated 1.5W regulated dual output Input voltage:24V, output voltage /-15V ( /-50mA), 3KV isolated 1.5W regulated dual output Input voltage:24V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated dual output Input voltage:12V, output voltage /-12V ( /-63mA), 3KV isolated 1.5W regulated dual output Input voltage:12V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated dual output Input voltage:5V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated dual output Input voltage:5V, output voltage /-3.6V ( /-200mA), 3KV isolated 1.5W regulated dual output 3 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT DIP24 3千伏隔震1.5糯稳压双输出DIP24
|
PEAK[PEAK electronics GmbH]
|
MC100LVE210FN MC100E210FN MC100LVE210 |
Low-voltage dual 1:4,1:5 differential fanout buffer ECL/PECL compatible LOW VOLTAGE DUAL 1:4 / 1:5 DIFFERENTIAL FANOUT BUFFER LOW VOLTAGE DUAL 1:4, 1:5 DIFFERENTIAL FANOUT BUFFER 100E SERIES, LOW SKEW CLOCK DRIVER, 9 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PQCC28
|
Motorola, Inc Motorola Mobility Holdings, Inc.
|
NVS0.3CH-M6 NVS0.3CJ-M6 NVS0.3EH-M6 NVS0.3EJ-M6 NV |
Solid-State Time-Delay Relay NV Series: 4 - 6W DC/DC Converters 9-36V, 18-36V, 36-72V & 16-75V Inputs 3.3V, 5.0V, 12V, 15V, ??.0V, ??2V, ??5V & ??4V Outputs NV Series: 4 - 6W DC/DC Converters 9-36V, 18-36V, 36-72V & 16-75V Inputs 3.3V, 5.0V, 12V, 15V, ??拷.0V, ??拷2V, ??拷5V & ??拷4V Outputs Medical Grade Power Supply; Series:MWA 100; Output Voltage:12V; Output Power Max:100W; Output Current:8.3A; No. of Outputs:1; Leaded Process Compatible:Yes RoHS Compliant: Yes NV系列 - 6W DC / DC转换9 - 36V的,18 - 36V的,36 - 72V NV Series: 4 - 6W DC/DC Converters 9-36V, 18-36V, 36-72V & 16-75V Inputs 3.3V, 5.0V, 12V, 15V, .0V, 2V, 5V & 4V Outputs NV系列 - 6W DC / DC转换9 - 36V的,18 - 36V的,36 - 72V 1-OUTPUT DC-DC REG PWR SUPPLY MODULE SURFACE MOUNT PACKAGE-14 2-OUTPUT DC-DC REG PWR SUPPLY MODULE SURFACE MOUNT PACKAGE-14 Medical Grade Power Supply; Series:MWA 100; Output Voltage:15V; Output Power Max:100W; Output Current:6.7A; No. of Outputs:1; Leaded Process Compatible:Yes RoHS Compliant: Yes INTEGRATED CKT STATIC SENS NV Series: 4 - 6W DC/DC Converters 9-36V, 18-36V, 36-72V & 16-75V Inputs 3.3V, 5.0V, 12V, 15V, .0V, 2V, 5V & 4V Outputs NV Series: 4 - 6W DC/DC Converters 9-36V, 18-36V, 36-72V & 16-75V Inputs 3.3V, 5.0V, 12V, 15V, ?.0V, ?2V, ?5V & ?4V Outputs NV Series: 4 - 6W DC/DC Converters 9-36V / 18-36V / 36-72V & 16-75V Inputs 3.3V / 5.0V / 12V / 15V / 5.0V / 12V / 15V & 24V Outputs NV Series: 4 - 6W DC/DC Converters 9-36V 18-36V 36-72V & 16-75V Inputs 3.3V 5.0V 12V 15V 5.0V 12V 15V & 24V Outputs NV Series: 4 - 6W DC/DC Converters 9-36V, 18-36V, 36-72V & 16-75V Inputs 3.3V, 5.0V, 12V, 15V, 5.0V, 12V, 15V & 24V Outputs NV Series: 4 - 6W DC/DC Converters 9-36V, 18-36V, 36-72V & 16-75V Inputs 3.3V, 5.0V, 12V, 15V, 【5.0V, 【12V, 【15V & 【24V Outputs NV Series: 4 - 6W DC/DC Converters 9-36V, 18-36V, 36-72V & 16-75V Inputs 3.3V, 5.0V, 12V, 15V, ±5.0V, ±12V, ±15V & ±24V Outputs
|
Power-One, Inc. POWER-ONE[Power-One]
|
IP1522 |
DUAL OUTPUT VOLTAGE SERIES REGULATOR
|
INTERPION[Interpion semiconductor]
|
NMV4812D NMV4812DA NMV4812S NMV4812SA NMV4815D NMV |
Photoelectric (Automation) 1-OUTPUT 1 W DC-DC REG PWR SUPPLY MODULE 3kVDC Isolated 1W Single & Dual Output DC-DC Converters
|
CANDD[C&D Technologies]
|
XWD6012 XWD6015 XWD1205 XWD1212 XWD1215 XWD2405 XW |
2-OUTPUT 180 W DC-DC REG PWR SUPPLY MODULE DUAL OUTPUT/ 180 WATT DUAL OUTPUT, 180 WATT 2-OUTPUT 150 W DC-DC REG PWR SUPPLY MODULE
|
POWER-ONE[Power-One] POWER-ONE INC
|
IP1522 |
DUAL OUTPUT VOLTAGE SERIES REGULATOR 双输出电压调节器系列
|
INTERPION SEMICONDUCTOR CO., LTD.
|
OBS017ZE OBS025ZH OBS025YH OBS025ZG OBS025ZJ OBS02 |
1-OUTPUT 25 W DC-DC REG PWR SUPPLY MODULE OBS SERIES 25 WATT
|
POWER-ONE INC POWER-ONE[Power-One]
|
MAX6072BAUB41 MAX6072BAUB41T MAX6072AAUB50 MAX6072 |
High-Precision, Dual-Output Series Voltage Reference
|
MAXIM - Dallas Semiconductor
|
|